Part Number Hot Search : 
FE01003 AHCT1 29F800 0ETTTS MJD350 NZGL00 MC140 W78M32
Product Description
Full Text Search
 

To Download EM621FR8ES-45LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM621FV16BU Series
Low Power, 128Kx16 SRAM
Document Title
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
0.0 0.1
History
Initial Draft 0.1 Revision Revised VOH(2.2v to 2.4v),tOH(15ns to 10ns), tOE-55(30ns to 25ns), tWP-55(45ns to 40ns), tWP-70(55ns to 50ns), tWHZ-70(25ns to 20ns), ICC(2mA to 3mA), ICC1(2mA to 3mA) Fix typo error
Draft Date
June 28, 2007 July 2, 2007
Remark
0.2
0.2 Revision
Nov. 13, 2007
Emerging Memory & Logic Solutions Inc.
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Tel : +82-64-740-1712 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com Zip Code : 690-719
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your questions about device. If you have any questions, please contact the EMLSI office. 1
EM621FV16BU Series
Low Power, 128Kx16 SRAM
128K x16 Bit Low Power and Low Voltage CMOS Static RAM
FEATURES - Process Technology : 0.15mm Full CMOS - Organization : 128K x16 - Power Supply Voltage => EM621FV16BU Series : 2.7V~3.6V - Low Data Retention Voltage : 1.5V (MIN) - Three state output and TTL Compatible - Packaged product designed for 45/55/70ns - Package Type: 44-TSOP2 PRODUCT FAMILY
Power Dissipation Product Family EM621FV16BU-45LF EM621FV16BU-55LF EM621FV16BU-70LF Operating Temperature Industrial (-40 ~ 85oC) Industrial (-40 ~ 85oC) Industrial (-40 ~ 85oC) Vcc Range Speed Standby (ISB1, Typ.) 1 A 1 A 1 A Operating (ICC1.Max) 3mA 3mA 3mA PKG Type
GENERAL DESCRIPTION The EM621FV16BU series are fabricated by EMLSI's advanced full CMOS process technology. The families support industrial temperature range and Chip Scale Package for user flexibility of system design. The families also supports low data retention voltage for battery back-up operation with low data retention current. The EM621FV16BU series are available in KGD, JEDEC standard 44 pin 400 mil TSOP2 package.
2.7V~3.6V 2.7V~3.6V 2.7V~3.6V
45ns 55ns 70ns
44-TSOP2 44-TSOP2 44-TSOP2
PIN DESCRIPTION
A4 A3 A2 A1 A0 CS I/O 0 I/O 1 I/O 2 I/O 3 VCC VSS I/O 4 I/O 5 I/O 6 I/O 7 WE A16 A15 A14 A13 A12
FUNCTIONAL BLOCK DIAGRAM
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE UB LB I/O 15 I/O 14 I/O 13 I/O 12 VSS VCC I/O 11 I/O 10 I/O 9 I/O 8 NC A8 A9 A10 A11 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
Pre-charge Circuit
EM621FV16BU-45LF
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
VCC VSS
Row Select
Memory Array 1024 x 2048
I/O0 ~ I/O7 I/O8 ~ I/O15
Data Cont
Data Cont
I/O Circuit Column Select
A10 A11 A12 A13 A14 A15 A16
Name CS OE WE A0~A16 I/O0~I/O15
Function Chip select inputs Output Enable input Write Enable input Address Inputs Data Inputs/Outputs
Name Vcc Vss UB LB NC
Function Power Supply Ground Upper Byte (I/O8~15) Lower Byte (I/O0~7) No Connection
WE OE UB LB CS
Control Logic
2
EM621FV16BU Series
Low Power, 128Kx16 SRAM ABSOLUTE MAXIMUM RATINGS * Parameter
Voltage on Any Pin Relative to Vss Voltage on Vcc supply relative to Vss Power Dissipation Operating Temperature
Symbol
VIN, VOUT VCC PD TA
Minimum
-0.2 to 4.0V -0.2 to 4.0V 1.0 -40 to 85
Unit
V V W
o
C
* Stresses greater than those listed above "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
FUNCTIONAL DESCRIPTION
CS H X L L L L L L L L OE X X H H L L L X X X WE X X H H H H H L L L LB X H L X L H L L H L UB X H X L H L L H L L I/O0-7 High-Z High-Z High-Z High-Z Data Out High-Z Data Out Data In High-Z Data In I/O8-15 High-Z High-Z High-Z High-Z High-Z Data Out Data Out High-Z Data In Data In Mode Deselected Deselected Output Disabled Output Disabled Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write Power Stand by Stand by Active Active Active Active Active Active Active Active
Note: X means don't care. (Must be low or high state)
3
EM621FV16BU Series
Low Power, 128Kx16 SRAM RECOMMENDED DC OPERATING CONDITIONS 1)
Parameter Supply voltage Ground Input high voltage Input low voltage
1. 2. 3. 4.
Symbol VCC VSS VIH VIL
Min 2.7 0 2.2 -0.23)
Typ 3.3 0 -
Max 3.6 0 VCC + 0.22) 0.6
Unit V V V V
TA= -40 to 85oC, otherwise specified Overshoot: VCC +2.0 V in case of pulse width < 20ns Undershoot: -2.0 V in case of pulse width < 20ns Overshoot and undershoot are sampled, not 100% tested.
CAPACITANCE1) (f =1MHz, TA=25oC)
Item Input capacitance Input/Ouput capacitance
1. Capacitance is sampled, not 100% tested.
Symbol CIN CIO
Test Condition VIN=0V VIO=0V
Min -
Max 8 10
Unit pF pF
DC AND OPERATING CHARACTERISTICS
Parameter Input leakage current Output leakage current Operating power supply Symbol ILI ILO ICC ICC1 Average operating current ICC2
VIN=VSS to VCC CS=VIH or OE=VIH or WE=VIL or LB=UB=VIH VIO=VSS to VCC IIO=0mA, CS=VIL, VIN=VIH or VIL Cycle time=1s, 100% duty, IIO=0mA, CS<0.2V, LB<0.2V or/and UB<0.2V, VIN<0.2V or VIN>VCC-0.2V Cycle time = Min, IIO=0mA, 100% duty, CS=VIL, LB=VIL or/and UB=VIL , VIN=VIL or VIH IOL = 2.1mA IOH = -1.0mA CS=VIH, Other inputs=VIH or VIL CS>VCC-0.2V Other inputs = 0~VCC (Typ. condition : VCC=3.3V @ 25oC) (Max. condition : VCC=3.6V @ 85oC)
Test Conditions
Min -1 -1 45ns 55ns 70ns 2.4 -
Typ -
Max 1 1 3 3 35 30 25 0.4 0.3
Unit uA uA mA mA
mA
Output low voltage Output high voltage Standby Current (TTL)
VOL VOH ISB
V V mA
Standby Current (CMOS)
ISB1
LF
-
11)
10
uA
NOTES
1. Typical values are measured at Vcc=3.3V, TA=25oC and not 100% tested. 4
EM621FV16BU Series
Low Power, 128Kx16 SRAM AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference) Input Pulse Level : 0.4V to 2.2V Input Rise and Fall Time : 5ns Input and Output reference Voltage : 1.5V Output Load (See right) : CL1) = 100pF + 1 TTL (70ns) CL1) = 30pF + 1 TTL (45ns/55ns) 1. Including scope and Jig capacitance R2=3150 ohm 2. R1=3070 ohm, 3. VTM=2.8V 4. CL = 5pF + 1 TTL (measurement with tLZ1,2, tHZ1,2, tOLZ, tOHZ, tWHZ)
VTM3) R12)
CL1)
R22)
READ CYCLE (Vcc =2.7V to 3.6V, Gnd = 0V, TA = -40oC to +85oC)
Parameter
Read cycle time Address access time Chip select to output Output enable to valid output UB, LB access time Chip select to low-Z output UB, LB enable to low-Z output Output enable to low-Z output Chip disable to high-Z output UB, LB disable to high-Z output Output disable to high-Z output Output hold from address change
Symbol
tRC tAA tCO tOE tBA tLZ tBLZ tOLZ tHZ tBHZ tOHZ tOH
45ns Min 45 Max 45 45 25 45 10 5 5 0 0 0 10 20 15 15 10 5 5 0 0 0 10 Min 55 -
55ns Max 55 55 25 55 20 20 20 10 5 5 0 0 0 10 Min 70 -
70ns Max 70 70 35 70 25 25 25 -
Unit
ns ns ns ns ns ns ns ns ns ns ns ns
WRITE CYCLE (Vcc =2.7V to 3.6V, Gnd = 0V, TA = -40oC to +85oC)
Parameter
Write cycle time Chip select to end of write Address setup time Address valid to end of write UB, LB valid to end of write Write pulse width Write recovery time Write to ouput high-Z Data to write time overlap Data hold from write time End write to output low-Z
Symbol
tWC tCW tAS tAW tBW tWP tWR tWHZ tDW tDH tOW
45ns Min 45 45 0 45 45 35 0 0 25 0 5 Max 15 55 45 0 45 45 40 0 0 25 0 5
55ns Min Max 20 Min 70 60 0 60 60 50 0 0 30 0 5
70ns Max 20
Unit
ns ns ns ns ns ns ns ns ns
-
ns ns
5
EM621FV16BU Series
Low Power, 128Kx16 SRAM
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1). (Address Controlled, CS=OE=VIL, UB or/and LB=VIL)
tRC Address tAA tOH Data Out
Previous Data Valid Data Valid
TIMING WAVEFORM OF READ CYCLE(2) (WE = VIH)
tRC Address tAA CS tCO tHZ tOH
tBA UB,LB tOE OE tOLZ
Data Valid
tBHZ
tOHZ tWHZ
Data Out
High-Z
tBLZ tLZ
NOTES (READ CYCLE) 1. tHZ and tOHZ are defined as the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection.
6
EM621FV16BU Series
Low Power, 128Kx16 SRAM
TIMING WAVEFORM OF WRITE CYCLE(1) (WE CONTROLLED)
tWC Address tCW(2) CS tAW tBW UB,LB tWP(1) WE tAS(3) Data in High-Z tWHZ Data out Data Undefined tDW
Data Valid
tWR(4)
tDH High-Z tOW
TIMING WAVEFORM OF WRITE CYCLE(2) (CS CONTROLLED)
tWC Address tAS(3) CS tAW tBW UB,LB tWP(1) WE tDW Data in High-Z
Data Valid
tCW(2)
tWR(4)
tDH
Data out
High-Z
7
EM621FV16BU Series
Low Power, 128Kx16 SRAM
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB CONTROLLED)
tWC Address tCW(2) CS tAW tBW UB,LB tAS(3) WE tDW Data in Data out High-Z
Data Valid
tWR(4)
tWP(1)
tDH
High-Z
NOTES (WRITE CYCLE) 1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins when CS goes low and WE goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double byte operation. A write ends at the earliest transition when CS goes high and WE goes high. The tWP is measured from the beginning of write to the end of write. 2. tCW is measured from the CS going low to end of write. 3. tAS is measured from the address valid to the beginning of write. 4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS or WE going high.
8
EM621FV16BU Series
Low Power, 128Kx16 SRAM DATA RETENTION CHARACTERISTICS
Parameter
VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time NOTES
Symbol
VDR IDR tSDR tRDR
Test Condition
ISB1 Test Condition (Chip Disabled) 1) VCC=1.5V, ISB1 Test Condition (Chip Disabled) 1) See data retention wave form
Min
1.5 0 tRC
Typ2)
0.5 -
Max
3.6 5.0 -
Unit
V A
ns
1. See the ISB1 measurement condition of data sheet page 4. 2. Typical value is measured at TA=25oC and not 100% tested.
DATA RETENTION WAVE FORM
tSDR Vcc 3.0V
Data Retention Mode
tRDR
2.2V VDR CS GND
CS > Vcc-0.2V
9
EM621FV16BU Series
Low Power, 128Kx16 SRAM PACKAGE DIMENSIONS
44Pin - TSOP Type2
Unit : millimeters/Inches
10
EM621FV16BU Series
Low Power, 128Kx16 SRAM
SRAM PART CODING SYSTEM
EM X XX X X X XX X X - XX XX
1. EMLSI Memory 2. Product Type 3. Density 4. Function 5. Technology 6. Operating Voltage
1. Memory Component EM --------------------- Memory 2. Product Type 6 ------------------------ SRAM 3. Density 1 ------------------------- 1M 2 ------------------------- 2M 4 ------------------------- 4M 8 ------------------------- 8M 4. Function 0 ----------------------- Dual CS 1 ----------------------- Single CS 2 ----------------------- Multiplexed 3 ------------- Single CS / LBB, UBB(tBA=tOE) 4 ------------- Single CS / LBB, UBB(tBA=tCO) 5 ------------- Dual CS / LBB, UBB(tBA=tOE) 6 ------------- Dual CS / LBB, UBB(tBA=tCO) 5. Technology F ------------------------- Full CMOS 6. Operating Voltage T ------------------------- 5.0V V ------------------------- 3.3V U ------------------------- 3.0V S ------------------------- 2.5V R ------------------------- 2.0V P ------------------------- 1.8V
11. Power 10. Speed
9. Package 8. Generation 7. Organization
7. Organization 8 ---------------------- x8 bit 16 ---------------------- x16 bit 8. Generation Blank ----------------- 1st generation A ----------------------- 2nd generation B ----------------------- 3rd generation C ----------------------- 4th generation D ----------------------- 5th generation E ----------------------- 6th generation F ----------------------- 7th generation G ---------------------- 8th generation 9. Package Blank ---------------- KGD, 48&36FpBGA S ---------------------- 32 sTSOP1 T ---------------------- 32 TSOP1 U ---------------------- 44 TSOP2 V ---------------------- 32 SOP 10. Speed 45 ---------------------55 ---------------------70 ---------------------85 ---------------------10 ---------------------12 ---------------------45ns 55ns 70ns 85ns 100ns 120ns
11. Power LL ---------------------- Low Low Power LF ---------------------- Low Low Power(Pb-Free & Green) L ---------------------- Low Power S ---------------------- Standard Power
11


▲Up To Search▲   

 
Price & Availability of EM621FR8ES-45LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X